|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GBPC25005/W - GBPC2510/W 25A GLASS PASSIVATED BRIDGE RECTIFIER Features * * * * * * * * Glass Passivated Die Construction Low Reverse Leakage Current Low Power Loss, High Efficiency Surge Overload Rating to 300A Peak Metal Base for Maximum Heat Dissipation Case to Terminal Isolation Voltage 1500V UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Note 4) J (-) (AC) (AC) (+) GBPC H B E GBPC / GBPC-W Dim A A C Min 28.30 7.40 16.10 18.80 13.80 5.08AE 17.60 10.90 0.97AE 31.80 17.60 Max 28.80 8.25 17.10 21.30 14.80 5.59AE 18.60 11.90 1.07AE 3/4 18.60 H B C E G H J K L M P C A Mechanical Data * * * * * * * * * * * Case: GBPC / GBPC-W Case Material: Molded Plastic with Heatsink Internally Mounted in the Bridge Encapsulation. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Silver. Plated Leads Solderable per MIL-STD-202, Method 208 e3 Polarity: As Marked on Case (AC) Hole for #10 screw G GBPC-W H B M L A P (+) H All Dimensions in mm "W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals Mounting: Through Hole for #10 Screw Mounting Torque: 8.0 Inch-pounds Maximum Ordering Information: See Last Page Marking: Type Number GBPC Weight: 20 grams (approximate) GBPC-W Weight: 14 grams (approximate) P K (-) (AC) A Maximum Ratings and Electrical Characteristics Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 60C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing Typical Total Capacitance Typical Thermal Resistance per leg Operating and Storage Temperature Range Notes: 1. 2. 3. 4. @ TA = 25C unless otherwise specified Symbol GBPC25 GBPC25 GBPC25 GBPC25 GBPC25 GBPC25 GBPC25 Unit 005/W 01/W 02/W 04/W 06/W 08/W 10/W VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2 t CT RqJC Tj, TSTG 50 35 100 70 200 140 400 280 25 300 1.1 5.0 500 374 300 1.3 -65 to +150 600 420 800 560 1000 700 V V A A V mA A2 s pF C/W C @ IF = 12.5A @ TC = 25C @ TC = 125C (Note 1) (Note 2) (Note 3) Non-repetitive, for t > 1.0ms and t < 8.3ms. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Thermal resistance junction to case mounted on heatsink. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7. DS21209 Rev. 9 - 2 1 of 3 www.diodes.com GBPC25005/W - GBPC2510/W a Diodes Incorporated IF, AVERAGE FORWARD CURRENT (A) Mounted on a 220 x 220 x 50 mm AL plate heatsink 30 IF, INSTANTANEOUS FORWARD CURRENT (A) 40 100 10 20 1.0 10 0.1 Tj = 25C Resistive or Inductive load 0 0 25 50 75 100 125 150 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element) TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve IFSM, PEAK FORWARD SURGE CURRENT (A) 400 Single Half-Sine Wave 1000 f = 1 Mhz Tj = 25C 300 200 CT, TOTAL CAPACITANCE (pF) Tj = 150C 100 100 0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100 10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance (per element) 100 Tj = 125C Tj = 130C 10 1.0 Tj = 25C 0.1 0.01 50V - 400V 600V - 1000V 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element) DS21209 Rev. 9 - 2 2 of 3 www.diodes.com GBPC25005/W - GBPC2510/W Ordering Information Device GBPC25005 GBPC2501 GBPC2502 GBPC2504 GBPC2506 GBPC2508 GBPC2510 GBPC25005W GBPC2501W GBPC2502W GBPC2504W GBPC2506W GBPC2508W GBPC2510W Notes: (Note 5) Packaging GBPC GBPC GBPC GBPC GBPC GBPC GBPC GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W Shipping 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 100/Tray 5 . For packaging details, visit our website at http://www.diodes.com/datasheets/ap2008.pdf. IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS21209 Rev. 9 - 2 3 of 3 www.diodes.com GBPC25005/W - GBPC2510/W |
Price & Availability of GBPC2510W |